PART |
Description |
Maker |
IDT728980 IDT728980J IDT728980J8 |
256 x 256 TSI, 8 I/O at 2Mbps, Variable Delay, 5.0V TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
|
IDT[Integrated Device Technology]
|
IDT728985 IDT728985DB IDT728985J IDT728985J8 IDT72 |
TSI-TDM Switches 256 x 256 Time Slot Interchange Digital Switch, 5.0V 256 x 256 TSI, 8 I/O at 2Mbps, Variable/Constant Delay, 5.0V
|
Integrated Device Technology IDT
|
M3488B1 M3488 M3488Q1 |
256 x 256 DIGITAL SWITCHING MATRIX
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
AD5201 AD5207 AD5207BRU100-REEL7 AD5207BRU10-REEL7 |
Dual, 256 Position, Digital Potentiometer 2-Channel/ 256-Position Digital Potentiometer CONNECTOR ASSEMBLIES RoHS Compliant: Yes 2-Channel, 256-Position Digital Potentiometer DUAL 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO14 2-Channel, 256-Position Digital Potentiometer 2通道56位数字电位器
|
AD[Analog Devices] Analog Devices, Inc.
|
MT89L85 |
256 x 256 Channels (8 TDM Streams at 2.048 Mbps) 3.3 V Non-blocking Enhance Digital Switch (EDX) with Constant Delay Mode
|
Zarlink Semiconductor
|
M48T39YPM M48T39Y M48T39Y-100PM1 M48T39Y-150PM1 |
256 Kb 32K x8 TIMEKEEPER SRAM DIODE ZENER SINGLE 500mW 3.9Vz 20mA-Izt 0.05 10uA-Ir 1 SOD-123 3K/REEL 256 KB2K的x8 SRAM的计时器
|
http:// STMICROELECTRONICS[STMicroelectronics] ST Microelectronics STMicroelectronics N.V.
|
AD5262-EVAL AD5260 AD5262BRU20-REEL7 AD5262BRU200- |
15 V or ±5 V, Dual-Channel, SPI Compatible, 256 Position Digital Potentiometer 15 V or V, Dual-Channel, SPI Compatible, 256 Position Digital Potentiometer 15 V or V, Single-Channel, SPI Compatible, 256 Position Digital Potentiometer 32-Tap. Nonvolatile. Linear-Taper Digital Potentiometers in SOT23 20K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO14
|
ANALOG DEVICES INC Analog Devices, Inc.
|
Q67100-Q607 Q67100-Q608 Q67100-Q433 Q67100-Q542 Q6 |
256 K x 4-Bit Dynamic RAM Low Power 256 K x 4-Bit Dynamic RAM 256亩4位动态随机存储器的低功56亩4位动态随机存储器 256 K x 4-Bit Dynamic RAM Low Power 256 K x 4-Bit Dynamic RAM 256K X 4 FAST PAGE DRAM, 60 ns, PDIP20
|
http:// SIEMENS A G SIEMENS AG
|
CAT5251YI-00-T2 CAT5251WI-00-T1 CAT5251WI-50-T1 |
DPP, NV, Quad 256 taps, SPI QUAD 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24
|
Rectron Semiconductor
|
CAT5269YI-50TE13 CAT5269 CAT5269JI-00TE13 CAT5269J |
Dual DPP with 256 Taps and 2-wire Interface 132dB SNR Highest Performance Stereo Audio DAC (H/W Control) 28-SSOP -25 to 85 DUAL 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24 LEAD-FREE, TSSOP-24 DUAL 100K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24 LEAD-FREE, TSSOP-24 DPP, NV, Dual 256 taps, I<sup>2</sup>C DUAL 100K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24 DPP, NV, Dual 256 taps, I<sup>2</sup>C DUAL 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24 Dual Digitally Programmable Potentiometers (DPP) with 256 Taps and 2-wire Interface 双数字可编程电位计(民进党)56丝锥线接
|
CATALYST[Catalyst Semiconductor] ON Semiconductor
|